Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download HG4183005-Z1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Subminiature PCB Power Relay
HG4183
Subminiature, low PCB occupation area Heavy duty, with choice of contact materials Standard and high sensitive type for choice
FEATURES
TYPICAL APPLICATIONS Office machine Vending machine Home appliances Audio equipment CONTACT RATING
Form Resistive TV 1 Form A (H) 1Form C (Z) 10A, 120VAC/28VDC (C) 5A, 125VAC (S)
CONTACT DATA
Material Initial Contact Resistance Mechanical Service Life Electrical AgCdO, AgSnOInO 100 m max. at 0.1A, 6VDC 107 ops. 105 ops.
UL/CSA/TUV RATING
Form Resistive TV 1 Form A (H) 1 Form C (Z) 5A, 240VAC (TUV) 10A, 120VAC (UL/CSA) 10A, 28VDC (UL/CSA/TUV) 5A, 125VAC (UL/CSA) Contact Material Code C S
COIL DATA
Coil Voltage Code 003 005 006 009 012 024 048 Nominal Voltage (VDC) 3 5 6 9 12 24 48 Resistance () 10% Power Consumption Standard Sensitive 20 45 55 125 80 180 180 400 0.45W 0.2W 320 720 1280 2800 5100 Must Operate Voltage max. (VDC) 2.25 3.75 4.50 6.75 9.00 18.00 36.00 Must Release Voltage min. (VDC) 0.15 0.25 0.30 0.45 0.60 1.20 2.40
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Surge Resistance Shock Resistance Vibration Resistance Ambient Temperature Weight 10 ms. max. 4 ms. max. 100 M , at 500VDC, 50%RH 3500 Vrms, 1 min. between coil and contacts, 1 Form A 2800 Vrms, 1 min. between coil and contacts, 1 Form C 750 Vrms, 1 min. between open contacts 5000 V 10 g, 11ms. functional; 100 g, destructive DA 1.5mm, 10 - 55 Hz -30C to 60C operating 6 g, approx.
ORDERING DESIGNATION
Example: Model Coil Voltage Code Contact Form H: 1 Form A; Z: 1 Form C Version 1: Sealed; 2: Flux Free Contact Material A: AgNi0.15; C: AgCdO; S: AgSnOInO Coil Sensitivity Nil: Standard 0.45W; L: Sensitive 0.2W* *Note: Sensitive 0.2W (L) is only available for 1 Form A (H) HG4183 / 012 H 1 C L
HG4183
1/2
HG4183
REFERENCE CURVES
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAMS (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagrams (Bottom View)
NOTES
1. 2. 3. 4. All parameters, unless otherwise specified, are measured at ambient temperature 23C. For sensitive type L rated current is reduced to 70% Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice.
DB LECTRO INC. 3600 boul. Matte suite I Brossard Qc J4Y-2Z2
TEL: (450)-444-1424 FAX: (450)-444-4714
HG4183
2/2


▲Up To Search▲   

 
Price & Availability of HG4183005-Z1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X